PART |
Description |
Maker |
STS4DNF60L 6121 STS4DNF60 |
N-Channel 60V-0.045Ω-4A SO-8 STripFET Power MOSFET(N沟道功率MOSFET) N沟道60V的,0.045Ω- 4A条的SO - 8 STripFET功率MOSFET(不适用沟道功率MOSFET的) N - CHANNEL 60V - 0.045 - 4A SO-8 STripFET TM POWER MOSFET N-CHANNEL POWER MOSFET From old datasheet system N - CHANNEL 60V - 0.045ohm - 4A SO-8 STripFET POWER MOSFET
|
STMicroelectronics N.V. ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
FDS5351 |
60V N-Channel PowerTrench MOSFET; Package: SO-8; No of Pins: 8; Container: Tape & Reel 6.1 A, 60 V, 0.035 ohm, N-CHANNEL, Si, POWER, MOSFET N-Channel PowerTrench㈢ MOSFET 60V, 6.1A, 35mヘ N-Channel PowerTrench? MOSFET 60V, 6.1A, 35mΩ
|
Fairchild Semiconductor, Corp.
|
FDP14AN06LA0 FDP14AN06LA FDB14AN06LA0 |
Discrete Automotive N-Channel PowerTrench MOSFET, 60V, 61A, 0.014 Ohm, TO-220 Package N-Channel PowerTrench MOSFET, 60V, 60A, 0.0146 Ohms @ VGS = 5V, TO-263/D2PAK Package N-Channel PowerTrench MOSFET 60V/ 60A/ 14.6m N-Channel PowerTrench MOSFET 60V, 60A, 14.6mз
|
FAIRCHILD[Fairchild Semiconductor]
|
IRFP064V |
60V Single N-Channel HEXFET Power MOSFET in a TO-247AC package Power MOSFET(Vdss=60V, Rds(on)=5.5mohm, Id=130A?
|
Power MOSFET International Rectifier
|
IRFZ48V IRFZ48VPBF |
60V Single N-Channel HEXFET Power MOSFET in a TO-220AB package Power MOSFET(Vdss=60V, Rds(on)=12mohm, Id=72A)
|
IRF[International Rectifier]
|
IRFP044 |
60V Single N-Channel HEXFET Power MOSFET in a TO-247AC package Power MOSFET(Vdss=60V, Rds(on)=0.028ohm, Id=57A)
|
International Rectifier Power MOSFET
|
IRFIZ34V IRFIZ34VPBF |
60V Single N-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package Power MOSFET(Vdss=60V, Rds(on)=28mohm, Id=20A) Lsolated Base Power HEX-pak Assembly Half Bridge Configuration
|
IRF[International Rectifier]
|
STB60NF06 STP9NC60FP STB60NF06T4 |
N-CHANNEL 60V 0.014 OHM 60A D2PAK STRIPFET POWER MOSFET N-CHANNEL 60V 0.014 OHM 60A D2PAK STRIPFET POWER MOSFET N-CHANNEL 60V - 0.014ohm - 60A D2PAK STripFET?/a> POWER MOSFET N-CHANNEL 60V - 0.014ohm - 60A D2PAK STripFET POWER MOSFET N-CHANNEL 60V - 0.014W - 60A D2PAK
STripFET™ POWER MOSFET N-CHANNEL 60V - 0.014ohm - 60A D2PAK STripFET⑩ POWER MOSFET N-CHANNEL Power MOSFET
|
STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
STP36NE06FP STP36NE06 5994 |
N-Channel 60V-0.032Ω-36A- TO-220/TO-220FP STripFETTM Power MOSFET(N沟道功率MOSFET) N沟道60V的,0.032Ω- 36A条,TO-220/TO-220FP STripFETTM功率MOSFET(不适用沟道功率MOSFET的) N - CHANNEL 60V - 0.032 - 36A - TO-220/TO-220FP STripFETTM POWER MOSFET From old datasheet system N - CHANNEL 60V - 0.032ohm - 36A - TO-220/TO-220FP STripFET POWER MOSFET
|
STMicroelectronics N.V. STMICROELECTRONICS[STMicroelectronics]
|
IRFU9024 IRFR9024 IRFR9024TR IRFR9024TRL IRFR9024T |
Power MOSFET(Vdss=-60V, Rds(on)=0.28ohm, Id=-8.8A) 功率MOSFET(减振钢板基本\u003d- 60V的,的Rds(on)\u003d 0.28ohm,身份证\u003d- 8.8A HEXFET? Power MOSFET -60V Single P-Channel HEXFET Power MOSFET in a D-Pak package -60V Single P-Channel HEXFET Power MOSFET in a I-Pak package
|
International Rectifier, Corp. IRF[International Rectifier]
|
FDD14AN06LA0 |
N-Channel PowerTrench MOSFET 60V, 50A, 14.6mohm N-Channel Power Trench #174 MOSFET, 60V, 50A, 14mOhms
|
http:// FAIRCHILD[Fairchild Semiconductor]
|